Part Number Hot Search : 
TIP120G 2SK2560 3434EFE CD22301 SA101 A12181 1N50C LM833S
Product Description
Full Text Search
 

To Download BR10005-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon bridge rectifiers page 1 BR10005-G thru. br5010-g series d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) qw -bbr78 reverse v oltage: 50 to 1000v forward current: 10/15/25/35/50a rohs device maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% br comchip t echnology co., l td. features mechanical data -polarit:as marked on body -mounting position:any maximum a verage forward rectified output current @t c=55c peak forward surage current , 8.3ms single half sine-w ave super imposed on rated load operating t emperature range storage t emperature range i (a v) i fsm v f i r t j t stg 1.1 10.0 -55 to +150 -55 to +150 a a v a c drop per element at 5.0/7.5/12.5/17.5/25.0a peak parameter br 15 symbol br 25 br 35 br 50 15 25 35 50 300 400 400 500 un it c maximum reverse current at rated dc blocking v oltage per element @ t j =25 c maximum forward v oltage pa ra m et er sy mb ol un it br-g 50 15005 25005 v rrm v br -g 100 1501 2501 br -g 200 1504 2504 br -g 400 1506 2506 br -g 600 br -g 800 1508 2508 br -g 1000 1510 2510 35005 3501 3504 3506 3508 3510 50005 5001 5004 5006 5008 5010 1502 2502 3502 5002 maximum rms bridge input v oltage 35 v rrm v 70 140 280 420 560 700 max. recurrent peak reverse v oltage -w eight: 19.09grams -surge overload -240~500 amperes peak. -low forward voltage drop. -electrically isolated base -2000 v olts. -materials used carries u/l recognition. -solderable 0.25" f ast on terminals. 10005 1001 1004 1006 1008 1010 1002 br 10 10 240 c o m p a n y r e s e r v e s t h e r i g h t t o i m p r o v e p r o d u c t d e s i g n , f u n c t i o n s a n d r e l i a b i l i t y w i t h o u t n o t i c e . h o l e f o r n o . 8 s c r e w 1 9 3 " ( 4 . 9 ) d i a m 0 .4 4 2 (11 .2 3 ) 0 .4 2 4 (1 0 .7 7 ) 0 .9 2 5 (2 3 .5 0 ) 0 .8 8 6 (2 2 .5 0 ) 0 .0 3 5 (0 .9 0 ) 0 .0 2 8 (0 .7 0 ) 0 .2 5 4 (6 .4 5 ) 0 .2 4 2 (6 .1 5 ) 1 .1 3 3 (2 8 .8 0 ) 1 .114 (2 8 .3 0 ) 0 .6 7 3 (1 7 .1 0 ) 0 .6 3 4 (1 6 .1 0 ) 0 .7 3 2 (1 8 .6 0 ) 0 .6 9 3 (1 7 .6 0 ) 0 .6 7 3 (1 7 .1 0 ) 0 .6 3 4 (1 6 .1 0 ) 0 .5 8 3 (1 4 .8 0 ) 0 .5 4 3 (1 3 .8 0 ) 1 .1 3 3 (2 8 .8 0 ) 1 .114 (2 8 .3 0 ) m e t a l h e a t s i n k 0 .9 4 (2 .4 0 ) d ia m rev : a
page 2 rating and characteristics curves ( series) BR10005-G thru. br5010-g qw -bbr 78 comchip t echnology co., l td. i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) f i g . 4 t y p i c a l r e v e r s e c h a r a c t e r i s t i c s - 0 4 0 8 0 1 0 0 1 4 0 0 . 0 1 p e r c e n t o f r a t e d p e a k r e v e r s e v o l t a g e , ( v ) 0 . 1 1 . 0 1 0 . 0 1 2 0 6 0 2 0 n u m b e r o f c y c l e s a t 6 0 h z p e a k f o r w a r d s u r g e c u r r e n t , ( a ) f i g . 3 m a x i m u m f o r w a r d s u r g e c u r r e n t - 1 1 0 1 0 0 a v e r a g e f o r w a r d o u t p u t c u r r e n t , ( a ) 1 0 0 1 5 0 t e m p e r a t u r e , ( c ) 0 1 0 2 0 4 0 3 0 5 0 5 0 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) f i g . 2 t y p i c a l f o r w a r d c h a r a c t e r i s t i c s - i n s t a n t a n e o u s f o r w a r d v o l t a g e , ( v ) 1 . 0 1 0 1 0 0 0 . 1 0 . 0 1 0 . 6 1 . 2 1 . 4 1 . 6 0 . 8 1 . 0 b r 1 0 b r 1 5 b r 2 5 b r 3 5 /5 0 silicon bridge rectifiers b r 3 5 b r 2 5 b r 1 5 f i g . 1 - d e r a t i n g c u r v e o u t p u t r e c t i f i e d c u r r e n t 0 1 0 0 2 0 0 3 0 0 4 0 0 6 0 0 5 0 0 b r 5 0 b r 1 0 b r 5 0 b r 1 0 b r 2 5 / 3 5 b r 1 5 rev : a
q w - b b r 7 8 comchip t echnology co., l td. page 3 rev : a silicon bridge rectifiers marking code standard packaging c a s e t y p e b r b o x ( p c s ) b u l k p a c k c a r t o n ( p c s ) 5 0 5 0 0 xxxxx / xxxx = product type marking code marking code br 10005 br 25005 br 35005 br 50005 br 15005 br 1501 br 2501 br 3501 br 5001 br 1004 br 2504 br 3504 br 5004 br 1006 br 2506 br 3506 br 5006 br 1008 br 2508 br 3508 br 5008 br 1010 br 2510 br 3510 br 5010 br 1001 br 1504 br 1506 br 1508 br 1510 br 1502 br 2502 br 3502 br 5002 br 1002 BR10005-G br 25005-g br 35005-g br 50005-g part number br 15005-g br 1501-g br 2501-g br 3501-g br 5001-g br 1004-g br 2504-g br 3504-g br 5004-g br 1006-g br 2506-g br 3506-g br 5006-g br 1008-g br 2508-g br 3508-g br 5008-g br 1010-g br 2510-g br 3510-g br 5010-g br 1001-g br 1504-g br 1506-g br 1508-g br 1510-g br 1502-g br 2502-g br 3502-g br 5002-g br 1002-g c = compchip logo c b r x x x x x a c +


▲Up To Search▲   

 
Price & Availability of BR10005-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X